Part Number Hot Search : 
1N4565A EE07961 1203S 74AUP2G CPH3206 07197 TC4572BP ICL71
Product Description
Full Text Search
 

To Download 74AUP1G57GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP1G57
Low-power configurable multiple function gate
Rev. 01. -- 16 January 2006 Preliminary data sheet
1. General description
The 74AUP1G57 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The 74AUP1G57 provides configurable multiple functions. The output state is determined by eight patterns of 3-bit input. The user can choose the logic functions AND, OR, NAND, NOR, XNOR, inverter and buffer. All inputs can be connected to VCC or GND. Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to 3.6 V. The inputs switch at different points for positive and negative-going signals. The difference between the positive voltage VT+ and the negative voltage VT- is defined as the input hysteresis voltage VH.
2. Features
s Wide supply voltage range from 0.8 V to 3.6 V s High noise immunity s ESD protection: x HBM JESD22-A114-C Class 3A. Exceeds 5000 V x MM JESD22-A115-A exceeds 200 V x CDM JESD22-C101-C exceeds 1000 V s Low static power consumption; ICC = 0.9 A (maximum) s Latch-up performance exceeds 100 mA per JESD 78 Class II s Inputs accept voltages up to 3.6 V s Low noise overshoot and undershoot < 10 % of VCC s IOFF circuitry provides partial Power-down mode operation s Multiple package options s Specified from -40 C to +85 C and -40 C to +125 C
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
3. Quick reference data
Table 1: Quick reference data GND = 0 V; Tamb = 25 C; tr = tf 3 ns. Symbol Parameter Conditions CL = 5 pF; RL = 1 M; VCC = 0.8 V CL = 5 pF; RL = 1 M; VCC = 1.1 V to 1.3 V CL = 5 pF; RL = 1 M; VCC = 1.4 V to 1.6 V CL = 5 pF; RL = 1 M; VCC = 1.65 V to 1.95 V CL = 5 pF; RL = 1 M; VCC = 2.3 V to 2.7 V CL = 5 pF; RL = 1 M; VCC = 3.0 V to 3.6 V CI CPD input capacitance power dissipation capacitance VCC = 1.8 V; f = 1 MHz VCC = 3.3 V; f = 1 MHz
[1] [2] [1] [2]
Min 2.8 2.2 2.1 2.0 1.8 -
Typ 22.6 6.5 4.6 3.9 3.1 2.8 1.1 3.4 4.5
Max 12.6 7.6 6.2 4.5 3.9 -
Unit ns ns ns ns ns ns pF pF pF
tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y
[1]
CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
[2]
4. Ordering information
Table 2: Ordering information Package Temperature range Name 74AUP1G57GW 74AUP1G57GM 74AUP1G57GF -40 C to +125 C -40 C to +125 C -40 C to +125 C SC-88 XSON6 XSON6 Description plastic surface mounted package; 6 leads Version SOT363 Type number
plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm plastic extremely thin small outline package; no leads; SOT891 6 terminals; body 1 x 1 x 0.5 mm
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
2 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
5. Marking
Table 3: Marking Marking code aC aC aC Type number 74AUP1G57GW 74AUP1G57GM 74AUP1G57GF
6. Functional diagram
3 4 B 1 Y
A
C
6
001aab583
Fig 1. Logic symbol
7. Pinning information
7.1 Pinning
74AUP1G57 74AUP1G57
B GND 1 2 6 5 C VCC A A 3
001aab591
B
1
6
C
GND
2
5
VCC
3
4
001aab592
Y
4
Y
Transparent top view
Fig 2. Pin configuration SOT363 (SC-88)
Fig 3. Pin configuration SOT886 (XSON6)
74AUP1G57
B GND A 1 2 3 6 5 4 C VCC Y
001aae058
Transparent top view
Fig 4. Pin configuration SOT891 (XSON6)
74AUP1G57_1 (c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
3 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
7.2 Pin description
Table 4: Symbol B GND A Y VCC C Pin description Pin 1 2 3 4 5 6 Description data input B ground (0 V) data input A data output Y supply voltage data input C
8. Functional description
8.1 Function table
Table 5: Input C L L L L H H H H
[1]
Function table [1] Output B L L H H L L H H A L H L H L H L H Y H L H L L L H H
H = HIGH voltage level; L = LOW voltage level.
8.2 Logic configurations
Table 6: Function selection table Figure see Figure 5 see Figure 8 see Figure 6 and 7 see Figure 6 and 7 see Figure 8 see Figure 5 see Figure 9 see Figure 10 see Figure 11 Logic function 2-input AND 2-input AND with both inputs inverted 2-input NAND with inverted input 2-input OR with inverted input 2-input NOR 2-input NOR with both inputs inverted 2-input XNOR Inverter Buffer
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
4 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
VCC B C Y B 1 2 B C Y 3 6 5 4 Y B C Y C B C Y B 1 2 3 6 5 4 Y C
VCC
001aab584
001aab585
Fig 5. 2-input AND gate or 2-input NOR gate with both inputs inverted
Fig 6. 2-input NAND gate with input B inverted or 2-input OR gate with inverted C input
VCC VCC A C Y 1 2 A C Y A 3 6 5 4 Y A C Y A C A C Y 1 2 3 6 5 4 Y C
001aab586
001aab587
Fig 7. 2-input NAND gate with input C inverted or 2-input OR gate with inverted A input
Fig 8. 2-input NOR gate or 2-input AND gate with both inputs inverted
VCC VCC B B C Y 1 2 3 6 5 4 Y A Y A
001aab588 001aab589
C 1 2 3 6 5 4 Y
Fig 9. 2-input XNOR gate
Fig 10. Inverter
VCC
B B Y
1 2 3
6 5 4 Y
001aab590
Fig 11. Buffer
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
5 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
9. Limiting values
Table 7: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input clamping current input voltage output clamping current output voltage output current quiescent supply current ground current storage temperature total power dissipation
Conditions VI < 0 V
[1]
Min -0.5 -0.5 [1]
Max +4.6 -50 +4.6 -50 +4.6 20 +50 -50 +150 250
Unit V mA V mA V mA mA mA C mW
VO < 0 V active mode and Power-down mode VO = 0 V to VCC
-0.5 -65
Tamb = -40 C to +125 C
[2]
-
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. For SC-88 packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K. For XSON6 packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
10. Recommended operating conditions
Table 8: VCC VI VO Tamb Recommended operating conditions Conditions Min 0.8 0 active mode Power-down mode; VCC = 0 V ambient temperature 0 0 -40 Max 3.6 3.6 VCC 3.6 Unit V V V V supply voltage input voltage output voltage Symbol Parameter
+125 C
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
6 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
11. Static characteristics
Table 9: Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VOH HIGH-state output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-state output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC CI CO VOH input leakage current power-off leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V 1.1 1.7 0.1 0.3 x VCC 0.31 0.31 0.31 0.44 0.31 0.44 0.1 0.2 0.2 0.5 40 V V V V V V V V A A A A A pF pF VCC - 0.1 1.11 1.32 2.05 1.9 2.72 2.6 V V V V V V V V 0.75 x VCC Conditions Min Typ Max Unit
additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V quiescent supply current additional quiescent supply current input capacitance output capacitance HIGH-state output voltage VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VI = GND or VCC; VCC = 0 V to 3.6 V VO = GND; VCC = 0 V VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V
Tamb = -40 C to +85 C VCC - 0.1 0.7 x VCC 1.03 1.30 1.97 1.85 2.67 2.55 V V V V V V V V
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
7 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
Table 9: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VOL LOW-state output voltage Conditions VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC input leakage current power-off leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V 0.1 0.3 x VCC 0.37 0.35 0.33 0.45 0.33 0.45 0.5 0.5 0.6 0.9 50 V V V V V V V V A A A A A Min Typ Max Unit
additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V quiescent supply current additional quiescent supply current HIGH-state output voltage VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V
Tamb = -40 C to +125 C VOH VCC - 0.11 0.6 x VCC 0.93 1.17 1.77 1.67 2.40 2.30 0.11 0.41 0.39 0.36 0.50 0.36 0.50 0.75 0.75 V V V V V V V V V V V V V V V A A
VOL
LOW-state output voltage
VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V 0.33 x VCC V
II IOFF
input leakage current power-off leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
8 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
Table 9: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter IOFF ICC ICC Conditions Min Typ Max 0.75 1.4 75 Unit A A A additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V quiescent supply current additional quiescent supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V
12. Dynamic characteristics
Table 10: Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13 Symbol tPHL, tPLH Parameter HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y Conditions see Figure 12 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C; CL = 10 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y see Figure 12 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C; CL = 15 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y see Figure 12 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 3.4 2.8 2.6 2.6 2.5 31.6 8.0 5.7 4.9 4.1 3.8 15.7 9.4 7.7 5.7 5.0 ns ns ns ns ns ns 3.2 2.6 2.5 2.4 2.3 26.1 7.3 5.2 4.5 3.7 3.4 14.4 8.7 7.0 5.2 4.6 ns ns ns ns ns ns 2.8 2.2 2.1 2.0 1.8 22.6 6.5 4.6 3.9 3.1 2.8 12.6 7.6 6.2 4.5 3.9 ns ns ns ns ns ns Min Typ
[1]
Max
Unit
Tamb = 25 C; CL = 5 pF
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
9 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
Table 10: Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13 Symbol tPHL, tPLH Parameter HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y Conditions see Figure 12 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C CPD power dissipation capacitance f = 1 MHz VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[1] [2] All typical values are measured at nominal VCC. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
[2] [3]
Min
Typ
[1]
Max
Unit
Tamb = 25 C; CL = 30 pF 4.6 3.6 3.5 3.4 3.2 37.8 10.4 7.4 6.2 5.2 4.9 20.9 12.2 9.9 7.4 6.6 ns ns ns ns ns ns
-
2.9 3.0 3.2 3.4 3.9 4.5
-
pF pF pF pF pF pF
[3]
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
10 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
Table 11: Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13 Symbol CL = 5 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y see Figure 12 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 10 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y see Figure 12 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 15 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y see Figure 12 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 30 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A, B and C to Y see Figure 12 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 3.9 3.8 3.1 3.1 2.8 21.8 13.4 11.1 8.3 7.0 3.9 3.8 3.1 3.1 2.8 22.3 14.1 11.8 8.8 7.4 ns ns ns ns ns 3.1 3.1 2.5 2.4 2.2 16.7 10.4 8.7 6.5 5.5 3.1 3.1 2.5 2.4 2.2 17.0 10.9 9.2 6.9 5.7 ns ns ns ns ns 2.8 2.8 2.2 2.1 1.9 14.9 9.3 7.8 5.9 4.9 2.8 2.8 2.2 2.1 1.9 15.2 9.8 8.2 6.2 5.1 ns ns ns ns ns 2.5 2.5 2.0 1.8 1.5 13.0 8.2 6.8 5.1 4.1 2.5 2.5 2.0 1.8 1.5 13.2 8.6 7.2 5.3 4.3 ns ns ns ns ns Parameter Conditions -40 C to +85 C Min Max -40 C to +125 C Min Max Unit
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
11 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
13. Waveforms
VI A, B, C input GND t PHL VOH Y output VOL t PLH VOH Y output VOL VM VM t PHL VM VM t PLH VM VM
001aab593
Measurement points are given in Table 12. VOL and VOH are typical output voltage drop that occur with the output load.
Fig 12. Input A, B and C to output Y propagation delay times Table 12: VCC 0.8 V to 3.6 V Measurement points Output VM 0.5 x VCC Input VM 0.5 x VCC VI VCC tr = tf 3.0 ns
Supply voltage
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
12 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
VCC
VEXT
5 k
PULSE GENERATOR
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 13. Definitions for test circuit: RL = Load resistance CL = Load capacitance including jig and probe capacitance RT = Termination resistance should be equal to the output impedance Zo of the pulse generator VEXT = External voltage for measuring switching times.
Fig 13. Load circuitry for switching times Table 13: VCC 0.8 V to 3.6 V
[1]
Test data Load CL RL
[1]
Supply voltage
VEXT tPLH, tPHL tPZH, tPHZ GND tPZL, tPLZ 2 x VCC
5 pF, 10 pF, 5 k or 1 M open 15 pF and 30 pF
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
14. Transfer characteristics
Table 14: Transfer characteristics Voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VT+ positive-going threshold voltage see Figure 14 and Figure 15 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V 0.30 0.53 0.74 0.91 1.37 1.88 0.60 0.90 1.11 1.29 1.77 2.29 V V V V V V Conditions Min Typ Max Unit
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
13 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
Table 14: Transfer characteristics ...continued Voltages are referenced to GND (ground = 0 V). Symbol Parameter VT- negative-going threshold voltage Conditions see Figure 14 and Figure 15 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VH hysteresis voltage see Figure 14, Figure 15, (VT+ - VT-) Figure 16 and Figure 17 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V Tamb = -40 C to +85 C VT+ positive-going threshold voltage see Figure 14 and Figure 15 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VT- negative-going threshold voltage see Figure 14 and Figure 15 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VH hysteresis voltage see Figure 14, Figure 15, (VT+ - VT-) Figure 16 and Figure 17 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V
74AUP1G57_1
Min
Typ
Max
Unit
0.10 0.26 0.39 0.47 0.69 0.88
-
0.60 0.65 0.75 0.84 1.04 1.24
V V V V V V
0.07 0.08 0.18 0.27 0.53 0.79
-
0.50 0.46 0.56 0.66 0.92 1.31
V V V V V V
0.30 0.53 0.74 0.91 1.37 1.88
-
0.60 0.90 1.11 1.29 1.77 2.29
V V V V V V
0.10 0.26 0.39 0.47 0.69 0.88
-
0.60 0.65 0.75 0.84 1.04 1.24
V V V V V V
0.07 0.08 0.18 0.27 0.53 0.79
-
0.50 0.46 0.56 0.66 0.92 1.31
V V V V V V
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
14 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
Table 14: Transfer characteristics ...continued Voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = -40 C to +125 C VT+ positive-going threshold voltage see Figure 14 and Figure 15 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VT- negative-going threshold voltage see Figure 14 and Figure 15 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VH hysteresis voltage see Figure 14, Figure 15, (VT+ - VT-) Figure 16 and Figure 17 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V 0.07 0.08 0.18 0.27 0.53 0.79 0.50 0.46 0.56 0.66 0.92 1.31 V V V V V V 0.10 0.26 0.39 0.47 0.69 0.88 0.60 0.65 0.75 0.84 1.04 1.24 V V V V V V 0.30 0.53 0.74 0.91 1.37 1.88 0.62 0.92 1.13 1.31 1.80 2.32 V V V V V V Conditions Min Typ Max Unit
15. Waveforms transfer characteristics
VO
VT+ VI VT- VH
VO VH VT- VT+ VI
mna207 mna208
VT+ and VT- limits at 70 % and 20 %.
Fig 14. Transfer characteristic
Fig 15. Definition of VT+, VT- and VH
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
15 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
240 ICC (A) 160
001aad691
80
0 0 0.4 0.8 1.2 1.6 VI (V) 2.0
Fig 16. Typical transfer characteristics; VCC = 1.8 V
1200 ICC (A) 800
001aad692
400
0 0 1.0 2.0 VI (V) 3.0
Fig 17. Typical transfer characteristics; VCC = 3.0 V
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
16 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
16. Package outline
Plastic surface mounted package; 6 leads SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC JEITA SC-88
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 04-11-08
Fig 18. Package outline SOT363 (SC-88)
74AUP1G57_1 (c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
17 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 19. Package outline SOT886 (XSON6)
74AUP1G57_1 (c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
18 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
SOT891
1
2
b 3
L1 e
L
6 e1
5 e1
4
A
A1 D
E
terminal 1 index area 0 1 scale 2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max 0.5 A1 max 0.04 b 0.20 0.12 D 1.05 0.95 E 1.05 0.95 e 0.55 e1 0.35 L 0.35 0.27 L1 0.40 0.32
OUTLINE VERSION SOT891
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 05-03-11 05-04-06
Fig 20. Package outline SOT891 (XSON6)
74AUP1G57_1 (c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
19 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
17. Abbreviations
Table 15: Acronym CDM CMOS DUT ESD HBM MM TTL Abbreviations Description Charged Device Model Complementary Metal Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor Transistor Logic
18. Revision history
Table 16: Revision history Release date Data sheet status Preliminary data sheet Change notice Doc. number Supersedes Document ID 74AUP1G57_1
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
20 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
19. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
20. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
22. Trademarks
Notice -- All referenced brands, product names, service names and trademarks are the property of their respective owners.
21. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
23. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
74AUP1G57_1
(c) Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 -- 16 January 2006
21 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
24. Contents
1 2 3 4 5 6 7 7.1 7.2 8 8.1 8.2 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 Functional description . . . . . . . . . . . . . . . . . . . 4 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Logic configurations . . . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 Recommended operating conditions. . . . . . . . 6 Static characteristics. . . . . . . . . . . . . . . . . . . . . 7 Dynamic characteristics . . . . . . . . . . . . . . . . . . 9 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Transfer characteristics. . . . . . . . . . . . . . . . . . 13 Waveforms transfer characteristics . . . . . . . . 15 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 20 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 21 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Contact information . . . . . . . . . . . . . . . . . . . . 21
(c) Koninklijke Philips Electronics N.V. 2006
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 16 January 2006 Document number: 74AUP1G57_1
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of 74AUP1G57GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X